Part Number Hot Search : 
PAD50 TFH70F UDZ3V6B 27541 970512 C18F25 CS330 56F83
Product Description
Full Text Search
 

To Download KBPC3502N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC35005N
THRU
FEATURES Low cost This series is UL recognized under component index, file number E127707 High forward surge current capability Integrally molded heatsink provide very low thermal resistance. High isolation voltage from case to lugs High temperature soldering guaranteed: 260/10 second, at 5 lbs. (2.3kg) tension.
w
w
a D . w
aS t
he
et
om .c SINGLE-PHASE BRIDGE RECTIFIER 4U VOLTAGE RANGE
KBPC3510N
CURRENT
50 to 1000 Volts 35 Ampere
MECHANICAL DATA Case: Molded plastic body, Suffix "N" for thinner type. Terminal: Plated 0.25" (6.35mm) lug. Polarity: Polarity symbols marked on case. Mounting: Thru hole for #10 screw, 20 in,- lbs. Torqute Max. Weight: 0.55 ounce, 15.6 gram(KBPC35N)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TC = 50 (Note 1) Peak Forward Surge Current 8.3ms single half sine - wave superimposed on rated load (JEDEC method ) Rating for Fusing (t<8.3ms) Maximum Instantaneous Forward Voltage Drop per bridge element at 17.5A Maximum DC Reverse Current at rated TA = 25 DC blocking voltage per element TA Isolation Voltage from case to lugs. Typical Thermal Resistance (Note 1,2) Operating Temperature Range Storage Temperature Range
w
w
w
t a .D
2
SYMBOLS VRRM VRMS VDC I(AV)
S a
e h
U t4 e
.c
m o
KBPC KBPC KBPC KBPC KBPC KBPC KBPC UNIT 35005N 3501N 3502N 3504N 3506N 3508N 3510N Volts
Volts Volts
2.0 (-65 to +150) (-65 to +150) Amps
IFSM It VF IR VISO R TJ TSTG
Amps
Volts
1. Unit mounted on 9" X 3.5" X 4.6" (23cm X 9cm X 11.8cm)Al. finned Plate. 2. Bolt down on heat-sink with silicon thermal compound between bridge and mounting sutfae for maximum heat transfer efficiency with # 10 screw.
w w MIC INVESTMENTS (CHINA) COMPANY LIMITED w
.D
a
aS t
ee h
4U mA t
om c . A
As
2
VAC /W
RATINGS AND CHARACTERISTIC CURVES KBPC3505N THRU KBPC3510N
FIG.1-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
35
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER ELEMENT
700
30
PEAK FORWARD SURGE
600
AVERAGE FORWARD OUTPUT
Heat Sink Mounting
CURRENT,(A)
9"X 3.5"X 4.6" Thick (23 X 9 X 11.8cm)
8.3ms Single Half Sine-Wave Tj (JEDEC Method) =T
500
j max
CURRENT, (A)
1 Cycle
20
AL.Finned Plate
400
300
Single Phase
10
Half Wave 60Hz Inductive or Resistive Load
200 100
0 0 0 25 50 75 100 125 150 175 1 2 4 6 8 10 20 40 60
100
CASE TEMPERATURE, ( C) FIG.3-TYPICAL FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
100 100
NUMBER OF CYCLES AT 60 Hz FIG.4-TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
Tj =100 C
INSTANTANEOUS FORWARD CURRENT,
INSTANTANEOUS REVERSE CURRENT,
10
10
(A)
(uA)
1.0
1.0
Tj =25 C Pulse Width=300uS 1%Duty Cycle
Tj =25 C
0.1
0.1
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.01 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLT AGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL JUNCTION CAPACITANCE PER BRIDGE ELEMENT
1000
FIG.6-MAXIMUM POWER DISSIPATION
100
AVERAGE POWER DISSIPATION OF BRIDGE,
JUNCTION CAPACITANCE,(pF)
80
(W)
T =T j j max
60
Capacitive Load
100
T j=25 C f=1MHz V sig =50mV
p-p
40
Resistive or
20
Inductive Load
10 0.1 1.0 10 100
0 0 5 10 15 20 25 30 35
REVRESE VOLTAGE,(V)
AVERAGE OUTPUT CURRENT, (A)


▲Up To Search▲   

 
Price & Availability of KBPC3502N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X